| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS950218 Fiches technique(PDF) 4 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS950218 Fiches technique(HTML) 4 Page - Integrated Circuit Systems |
|
4 / 19 page ![]() 4 Integrated Circuit Systems, Inc. ICS950218 0466B—03/17/04 Maximum Allowed Current n o i t i d n o C n o i t p m u s n o c y l p p u s V 3 . 3 x a M , s d a o l p a c e t e r c s i d x a M V 5 6 4 . 3 = d d V D N G r o d d V = s t u p n i c i t a t s ll A e d o M n w o d r e w o P ) 0 = # N W D R W P ( A m 0 4 e v i t c A l l u F A m 0 6 3 0 L E S T L U M1 L E S T L U M t e g r a T d r a o B Z m r e T / e c a r T , R e c n e r e f e R = f e r I ) r R * 3 ( / d d V t u p t u O t n e r r u C , Z @ h o V A m 2 3 . 2 = f e r I 00 s m h o 0 6 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 5 = h o I0 6 @ V 1 7 . 0 00 s m h o 0 5 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 5 = h o I0 5 @ V 9 5 . 0 01 s m h o 0 6 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 6 = h o I0 6 2 / V 5 8 . 0 01 s m h o 0 5 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 6 = h o I0 5 @ V 1 7 . 0 10 s m h o 0 6 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 4 = h o I0 6 @ V 6 5 . 0 10 s m h o 0 5 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 4 = h o I0 5 @ V 7 4 . 0 11 s m h o 0 6 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 7 = h o I0 6 @ V 9 9 . 0 11 s m h o 0 5 % 1 5 7 4 = r R A m 2 3 . 2 = f e r I f e r I * 7 = h o I0 5 @ V 2 8 . 0 00 ) v i u q e C D ( 0 3 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 5 = h o I0 3 @ V 5 7 . 0 00 ) v i u q e C D ( 5 2 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 5 = h o I0 2 @ V 2 6 . 0 01 ) v i u q e C D ( 0 3 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 6 = h o I0 3 @ V 0 9 . 0 01 ) v i u q e C D ( 5 2 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 6 = h o I0 2 @ V 5 7 . 0 10 ) v i u q e C D ( 0 3 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 4 = h o I0 2 @ 0 6 . 0 10 ) v i u q e C D ( 5 2 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 4 = h o I0 2 @ V 5 . 0 11 ) v i u q e C D ( 0 3 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 7 = h o I0 3 @ V 5 0 . 1 11 ) v i u q e C D ( 5 2 % 1 1 2 2 = r R A m 5 = f e r I f e r I * 7 = h o I0 2 @ V 4 8 . 0 CPUCLK Swing Select Functions |