Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC8540XMVRT-SV Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce VSC8540XMVRT-SV
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-SV Fiches technique(HTML) 6 Page - Microchip Technology

Back Button VSC8540XMVRT-SV Datasheet HTML 2Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 3Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 4Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 5Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 6Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 7Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 8Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 9Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 87 page
background image
VSC8540RT
DS60001603E-page 6
 2022 Microchip Technology Inc. and its subsidiaries
2.0
BLOCK DIAGRAM
The following illustration shows the primary functional blocks of the VSC8540RT device.
FIGURE 2-1:
BLOCK DIAGRAM
LED[1:0]
10/100BASE-TX
PMA
COMA_MODE
NRESET
MDC
MDIO
MDINT
Management
and
Control Interface
(MIIM)
PLL and Analog
CLKOUT
XTAL1/REFCLK
XTAL2
REFCLK_SEL[1:0]
REF_FILT_A
REF_REXT_A
LED Interface
RCVRD_CLK
CLK_SQUELCH_IN
FASTLINK_FAIL
Sync
Ethernet
10/100BASE-
TX PCS
MDI
Twisted
Pair
Interface
P0_D0N
P0_D0P
P0_D1N
P0_D1P
PO_TX
P0_RX
MICRO
8051
Temp
Diode
MAC
Interface
(RGMII/
MII/RMII)
THERMDC
THERMDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87