Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC8540XMVRT-SV Fiches technique(PDF) 5 Page - Microchip Technology

No de pièce VSC8540XMVRT-SV
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-SV Fiches technique(HTML) 5 Page - Microchip Technology

  VSC8540XMVRT-SV Datasheet HTML 1Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 2Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 3Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 4Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 5Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 6Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 7Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 8Page - Microchip Technology VSC8540XMVRT-SV Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 5
VSC8540RT
1.0
SPACE QUALITY GRADE
The hermetic VSC8540RT is manufactured in compliance with MIL class Q or class V requirements: screening testing,
qualification testing, and TCI/QCI-specifications. The plastic VSC8540RT is qualified in compliance with the AEC-Q100
automotive requirements, with specific additional tests necessary for space applications. Screening and qualification
flows are described in Aerospace & Defense AEQA0242 specification, available on Microchip web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87