Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16HV616-E/MLQTP Fiches technique(PDF) 7 Page - Cirrus Logic

No de pièce PIC16HV616-E/MLQTP
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APEX [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo APEX - Cirrus Logic

PIC16HV616-E/MLQTP Fiches technique(HTML) 7 Page - Cirrus Logic

Back Button PIC16HV616-E/MLQTP Datasheet HTML 3Page - Cirrus Logic PIC16HV616-E/MLQTP Datasheet HTML 4Page - Cirrus Logic PIC16HV616-E/MLQTP Datasheet HTML 5Page - Cirrus Logic PIC16HV616-E/MLQTP Datasheet HTML 6Page - Cirrus Logic PIC16HV616-E/MLQTP Datasheet HTML 7Page - Cirrus Logic PIC16HV616-E/MLQTP Datasheet HTML 8Page - Cirrus Logic PIC16HV616-E/MLQTP Datasheet HTML 9Page - Cirrus Logic PIC16HV616-E/MLQTP Datasheet HTML 10Page - Cirrus Logic PIC16HV616-E/MLQTP Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 172 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41288A-page 5
PIC16F616/16HV616
1.0
DEVICE OVERVIEW
The PIC16F616/16HV616 is covered by this data
sheet. It is available in 14-pin PDIP, SOIC, TSSOP and
QFN packages. Figure 1-1 shows a block diagram of
the PIC16F616/16HV616 device. Table 1-1 shows the
pinout description.
FIGURE 1-1:
PIC16F616/16HV616 BLOCK DIAGRAM
Flash
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction Reg
Program Counter
RAM
File
Registers
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR Reg
STATUS Reg
MUX
ALU
W Reg
Instruction
Decode &
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
PORTA
8
8
8
3
8-Level Stack
128 Bytes
2K X 14
(13-Bit)
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
MCLR
VSS
Brown-out
Reset
Timer0
Timer1
RA0
RA1
RA2
RA3
RA4
RA5
2 Analog Comparators
T0CKI
INT
T1CKI
Configuration
Internal
Oscillator
and Reference
T1G
PORTC
VDD
Timer2
Block
Shunt Regulator
(PIC16HV616 only)
Analog-To-Digital Converter
RC0
RC1
RC2
RC3
RC4
RC5
ECCP
Comparator Voltage Reference
Absolute Voltage Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More