| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16HV616-E/MLQTP Fiches technique(PDF) 31 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
PIC16HV616-E/MLQTP Fiches technique(HTML) 31 Page - Cirrus Logic |
|
31 / 172 page ![]() © 2006 Microchip Technology Inc. Preliminary DS41288A-page 29 PIC16F616/16HV616 FIGURE 4-2: BLOCK DIAGRAM OF RA1 4.2.4.3 RA2/AN2/T0CKI/INT/C1OUT Figure 4-3 shows the diagram for this pin. The RA2 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC • the clock input for TMR0 • an external edge triggered interrupt • a digital output from Comparator C1 FIGURE 4-3: BLOCK DIAGRAM OF RA2 VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Data Bus WR WPUA RD WPUA RD PORTA RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA Interrupt-on- To Comparator Analog(1) Input Mode RAPU Analog(1) Input Mode Change Q3 Note 1: Comparator mode and ANSEL determines Analog Input mode. To A/D Converter I/O Pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Analog(1) Input Mode Data Bus WR WPUA RD WPUA RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA To A/D Converter 0 1 C1OE C1OE Enable To INT To Timer0 Analog(1) Input Mode RAPU RD PORTA Interrupt-on- Change Q3 Note 1: Analog Input mode is generated by ANSEL. I/O Pin |