| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2102 Fiches technique(PDF) 29 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2102 Fiches technique(HTML) 29 Page - NXP Semiconductors |
|
29 / 32 page ![]() LPC2101_02_03_1 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Preliminary data sheet Rev. 01 — 18 January 2006 29 of 32 Philips Semiconductors LPC2101/2102/2103 Single-chip 16-bit/32-bit microcontrollers 11. Abbreviations Table 8: Acronym list Acronym Description ADC Analog-to-Digital Converter APB Advanced Peripheral Bus DCC Debug Communications Channel DSP Digital Signal Processor FIFO First In, First Out FIQ Fast Interrupt Request GPIO General Purpose Input/Output IAP In-Application Programming IRQ Interrupt Request ISP In-System Programming PLL Phase-Locked Loop PWM Pulse Width Modulator SPI Serial Peripheral Interface SRAM Static Random Access Memory SSP Serial Synchronous Port UART Universal Asynchronous Receiver/Transmitter VIC Vectored Interrupt Controller |