| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC2102 Fiches technique(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC2102 Fiches technique(HTML) 7 Page - NXP Semiconductors |
|
7 / 32 page ![]() LPC2101_02_03_1 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Preliminary data sheet Rev. 01 — 18 January 2006 7 of 32 Philips Semiconductors LPC2101/2102/2103 Single-chip 16-bit/32-bit microcontrollers P0.10/RTS1/ CAP1.0/AD0.3 35 [4] 38 [4] I/O P0.10 — General purpose Input/output digital pin (GPIO). O RTS1 — Request to Send output for UART1. I CAP1.0 — Capture input for Timer 1, channel 0. I AD0.3 — ADC 0, input 3. P0.11/CTS1/ CAP1.1/AD0.4 36 [3] 39 [3] I/O P0.11 — General purpose Input/output digital pin (GPIO). I CTS1 — Clear to Send input for UART1. I CAP1.1 — Capture input for Timer 1, channel 1. I AD0.4 — ADC 0, input 4. P0.12/DSR1/ MAT1.0/AD0.5 37 [4] 40 [4] I/O P0.12 — General purpose Input/output digital pin (GPIO). I DSR1 — Data Set Ready input for UART1. O MAT1.0 — PWM output for Timer 1, channel 0. I AD0.5 — ADC 0, input 5. P0.13/DTR1/ MAT1.1 41 [4] 43 [4] I/O P0.13 — General purpose Input/output digital pin (GPIO). O DTR1 — Data Terminal Ready output for UART1. O MAT1.1 — PWM output for Timer 1, channel 1. P0.14/DCD1/ SCK1/EINT1 44 [3] 2 [3] I/O P0.14 — General purpose Input/output digital pin (GPIO). I DCD1 — Data Carrier Detect input for UART1. I/O SCK1 — Serial Clock for SPI1. SPI clock output from master or input to slave. I EINT1 — External interrupt 1 input. P0.15/RI1/ EINT2 45 [4] 3 [4] I/O P0.15 — General purpose Input/output digital pin (GPIO). I RI1 — Ring Indicator input for UART1. I EINT2 — External interrupt 2 input. P0.16/EINT0/ MAT0.2 46 [2] 4 [2] I/O P0.16 — General purpose Input/output digital pin (GPIO). I EINT0 — External interrupt 0 input. O MAT0.2 — PWM output for Timer 0, channel 2. P0.17/CAP1.2/ SCL1 47 [1] 5 [1] I/O P0.17 — General purpose Input/output digital pin (GPIO). I CAP1.2 — Capture input for Timer 1, channel 2. I/O SCL1 — I2C1 clock Input/output. Open-drain output (for I2C-bus compliance). P0.18/CAP1.3/ SDA1 48 [1] 6 [1] I/O P0.18 — General purpose Input/output digital pin (GPIO). I CAP1.3 — Capture input for Timer 1, channel 3. I/O SDA1 — I2C1 data Input/output. Open-drain output (for I2C-bus compliance). P0.19/MAT1.2/ MISO1 1 [1] 7 [1] I/O P0.19 — General purpose Input/output digital pin (GPIO). O MAT1.2 — PWM output for Timer 1, channel 2. I/O MISO1 — Master In Slave Out for SSP. Data input to SPI master or data output from SSP slave. P0.20/MAT1.3/ MOSI1 2 [2] 8 [2] I/O P0.20 — General purpose Input/output digital pin (GPIO). O MAT1.3 — PWM output for Timer 1, channel 3. I/O MOSI1 — Master Out Slave for SSP. Data output from SSP master or data input to SSP slave. Table 3: Pin description …continued Symbol LQFP48 PLCC44 Type Description |