Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VV5430 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button VV5430 Datasheet HTML 25Page - STMicroelectronics VV5430 Datasheet HTML 26Page - STMicroelectronics VV5430 Datasheet HTML 27Page - STMicroelectronics VV5430 Datasheet HTML 28Page - STMicroelectronics VV5430 Datasheet HTML 29Page - STMicroelectronics VV5430 Datasheet HTML 30Page - STMicroelectronics VV5430 Datasheet HTML 31Page - STMicroelectronics VV5430 Datasheet HTML 32Page - STMicroelectronics VV5430 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Ordering Details
VV5430
CD5430F-A
32/33
12. Ordering Details
STMicroelectronics recommends using their Evaluation Kits for initial evaluation of sensors. For the VV5430 sensors the
Evaluation Kit comprises a lensed board camera attached to an embedded microcontroller, and an LCD display in a plastic case.
Buttons are provided to control the different options of the sensor in real time. In addition software is provided to allow cont rol of
the sensor from a PC running Windows95, via the serial port.
Part Number
Description
Defect specification
VV5430C001
CCIR/EIA Enhanced Mono-
chrome Analog Video Image
Sensor, 48 pin LCC package
As per Defect
Specification,
Section 2.2
EVK-5430-001
CCIR Evaluation Kit for
VV5430 sensor
As per Defect
Specification,
Section 2.2
EVK-5430-002
EIA Evaluation Kit for VV5430
sensor
As per Defect
Specification,
Section 2.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33