Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VV5430 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce VV5430
Description  Monochrome Analog Output CMOS Image Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VV5430 Fiches technique(HTML) 3 Page - STMicroelectronics

  VV5430 Datasheet HTML 1Page - STMicroelectronics VV5430 Datasheet HTML 2Page - STMicroelectronics VV5430 Datasheet HTML 3Page - STMicroelectronics VV5430 Datasheet HTML 4Page - STMicroelectronics VV5430 Datasheet HTML 5Page - STMicroelectronics VV5430 Datasheet HTML 6Page - STMicroelectronics VV5430 Datasheet HTML 7Page - STMicroelectronics VV5430 Datasheet HTML 8Page - STMicroelectronics VV5430 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
VV5430
Revision History
CD5430F-A
3/33
1.
Revision History
The following is a list of specific changes made to this datasheet since the previous revisions. It does not include general
fomatting changes, but is intended to highlight changes that may affect device operation in a customer system.
Section
Change
2
Removed obsolete test descriptions
Corrected Defect Specification
6
Added reference to generating SIN on only odd or
only evenfields, not both.
10
Setup Code 1: Bit 10 was incorrectly described. This
bit should be set to 0 for normal operation.
Table 1 : Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33