Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC7410EC Fiches technique(PDF) 43 Page - NXP Semiconductors

No de pièce MPC7410EC
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410EC Fiches technique(HTML) 43 Page - NXP Semiconductors

Back Button MPC7410EC Datasheet HTML 39Page - NXP Semiconductors MPC7410EC Datasheet HTML 40Page - NXP Semiconductors MPC7410EC Datasheet HTML 41Page - NXP Semiconductors MPC7410EC Datasheet HTML 42Page - NXP Semiconductors MPC7410EC Datasheet HTML 43Page - NXP Semiconductors MPC7410EC Datasheet HTML 44Page - NXP Semiconductors MPC7410EC Datasheet HTML 45Page - NXP Semiconductors MPC7410EC Datasheet HTML 46Page - NXP Semiconductors MPC7410EC Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
43
System Design Information
Figure 27. LGA Package Exploded Cross-Sectional View with Heat Sink Clip to PCB Option
The board designer can choose between several types of heat sinks to place on the MPC7410. There are several
commercially-available heat sinks for the MPC7410 from the following vendors:
Aavid Thermalloy
603-224-9988
70 Commercial Street, Suite 200
Concord, NH 03301
Internet: www.aavidthermalloy.com
Alpha Novatech
408-567-8082
473 Sapena Ct. #12
Santa Clara, CA 95054
Internet: www.alphanovatech.com
The Bergquist Company
800-347-4572
18930 West 78th St.
Chanhassen, MN 55317
Internet: www.bergquistcompany.com
International Electronic Research Corporation (IERC)
818-842-7277
413 North Moss St.
Burbank, CA 91502
Internet: www.ctscorp.com
Wakefield Engineering
603-635-2800
33 Bridge St.
Pelham, NH 03076
Internet: www.wakefield.com
Ultimately, the final selection of an appropriate heat sink depends on many factors, such as thermal performance at
a given air velocity, spatial volume, mass, attachment method, assembly, and cost.
Thermal
Heat Sink
LGA Package
Heat Sink
Clip
Printed-Circuit Board
Interface Material



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56