Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

34AA02T-E/MS Fiches technique(PDF) 25 Page - Microchip Technology

No de pièce 34AA02T-E/MS
Description  2-Kbit I2C Serial EEPROM Software Write-Protect
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA02T-E/MS Fiches technique(HTML) 25 Page - Microchip Technology

Back Button 34AA02T-E/MS Datasheet HTML 21Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 22Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 23Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 24Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 25Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 26Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 27Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 28Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002029G-page 25
34AA02/34LC02
RECOMMENDED LAND PATTERN
Microchip Technology Drawing C04-2057-SN Rev F
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
1.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
C
Contact Pad Spacing
Contact Pitch
MILLIMETERS
1.27 BSC
MIN
E
MAX
5.40
Contact Pad Length (X8)
Contact Pad Width (X8)
Y1
X1
1.55
0.60
NOM
E
X1
C
Y1
SILK SCREEN
8-Lead Plastic Small Outline (SN) - Narrow, 3.90 mm (.150 In.) Body [SOIC]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40