Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

34AA02T-E/MS Fiches technique(PDF) 18 Page - Microchip Technology

No de pièce 34AA02T-E/MS
Description  2-Kbit I2C Serial EEPROM Software Write-Protect
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA02T-E/MS Fiches technique(HTML) 18 Page - Microchip Technology

Back Button 34AA02T-E/MS Datasheet HTML 14Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 15Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 16Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 17Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 18Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 19Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 20Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 21Page - Microchip Technology 34AA02T-E/MS Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
34AA02/34LC02
DS20002029G-page 18
 2007-2022 Microchip Technology Inc. and its subsidiaries
TOP VIEW
VIEW A–A
SIDE VIEW
Note:
http://www.microchip.com/packaging
For the most current package drawings, please see the Microchip Packaging Specification located at
8-Lead Plastic Micro Small Outline Package (MS) - 3x3 mm Body [MSOP]
Microchip Technology Drawing C04-111-MS Rev D
A
B
0.25 C
2X 4 TIPS
0.25
C A-B D
A
A
0.20 H
2X
0.20 H
12
N
SEE DETAIL B
NOTE 1
C
0.10 C
H
8X
8X b
e
D
D
2
E
2
E
E1
2
E1
A A2
A1
SEATING
PLANE
2X
Sheet 1 of 2
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40