Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP79521 Fiches technique(PDF) 47 Page - Microchip Technology

No de pièce MCP79521
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79521 Fiches technique(HTML) 47 Page - Microchip Technology

Back Button MCP79521 Datasheet HTML 43Page - Microchip Technology MCP79521 Datasheet HTML 44Page - Microchip Technology MCP79521 Datasheet HTML 45Page - Microchip Technology MCP79521 Datasheet HTML 46Page - Microchip Technology MCP79521 Datasheet HTML 47Page - Microchip Technology MCP79521 Datasheet HTML 48Page - Microchip Technology MCP79521 Datasheet HTML 49Page - Microchip Technology MCP79521 Datasheet HTML 50Page - Microchip Technology MCP79521 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002300D-page 47
MCP7951X/MCP7952X
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Part Number
1st Line Marking Codes
MSOP
TDFN
MCP79510
79510T
510T
MCP79520
79520T
520T
MCP79511
79511T
511T
MCP79521
79521T
521T
MCP79512
79512T
512T
MCP79522
79522T
522T
Note:
T = Temperature grade
NN = Alphanumeric traceability code
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
JEDEC® designator for Matte Tin (Sn)
*
This package is RoHS compliant. The JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
10-Lead MSOP (3x3 mm)
Example
10-Lead TDFN (03x03x0.8 mm)
Example
79520I
14013F
520I
2140
13F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58