| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP79521 Fiches technique(PDF) 40 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP79521 Fiches technique(HTML) 40 Page - Microchip Technology |
|
40 / 58 page ![]() MCP7951X/MCP7952X DS20002300D-page 40 2012-2022 Microchip Technology Inc.and its subsidiaries 6.3 EEPROM The MCP7952X features 2 Kbits of EEPROM and the MCP7951X features 1 Kbit of EEPROM. It is organized in 8-byte pages with software write protection configurable through the STATUS register. 6.3.1 WRITE ENABLE AND WRITE DISABLE The MCP795XX contains a write enable latch. This latch must be set before any write operation will be completed internally. The EEWREN instruction will set the latch and the EEWRDI instruction will reset the latch. The following is a list of conditions under which the write enable latch will be reset: •Power-up • WRDI instruction successfully executed • EEWRITE instruction successfully executed • SRWRITE instruction successfully executed • IDWRITE instruction successfully executed • Unlock sequence for protected EEPROM not followed correctly FIGURE 6-6: WRITE ENABLE SEQUENCE FIGURE 6-7: WRITE DISABLE SEQUENCE SCK 0 234567 1 SI High-Impedance SO CS 01 0000 0 1 SCK 0 2 3 456 7 1 SI High-Impedance SO CS 01 00 00 0 0 |