| Moteur de recherche de fiches techniques de composants électroniques |
|
ADPD4200 Fiches technique(PDF) 64 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADPD4200 Fiches technique(HTML) 64 Page - Analog Devices |
|
64 / 93 page ![]() Data Sheet ADPD4200 REGISTER MAP analog.com Rev. 0 | 64 of 93 Table 25. Register Map Summary Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Reg Name Bits Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset R/W [7:0] AFE_PATH_CFG_J[7:0] 0x0222 INPUTS_J [15:8] INP78_J[3:0] Reserved 0x0000 R/W [7:0] Reserved INP12_J[3:0] 0x0223 CATHODE_J [15:8] Reserved PRECON_J[2:0] VC2_PULSE_J[1:0] VC2_ALT_J[1:0] 0x0000 R/W [7:0] VC2_SEL_J[1:0] VC1_PULSE_J[1:0] VC1_ALT_J[1:0] VC1_SEL_J[1:0] 0x0224 AFE_TRIM_J [15:8] Reserved CH2_TRIM_INT_J[1:0] CH1_TRIM_INT_J[1:0] VREF_ PULSE_J AFE_TRIM_ VREF_J[1:0] 0x03C0 R/W [7:0] VREF_PULSE_VAL_J[1:0] TIA_GAIN_CH2_J[2:0] TIA_GAIN_CH1_J[2:0] 0x0225 LED_ POW12_J [15:8] LED_ DRIVESIDE2 _J LED_CURRENT2_J[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE1 _J LED_CURRENT1_J[6:0] 0x0226 LED_POW34 _J [15:8] LED_ DRIVESIDE4 _J LED_CURRENT4_J[6:0] 0x0000 R/W [7:0] LED_ DRIVESIDE3 _J LED_CURRENT3_J[6:0] 0x0227 COUNTS_J [15:8] NUM_INT_J[7:0] 0x0101 R/W [7:0] NUM_REPEAT_J[7:0] 0x0228 PERIOD_J [15:8] Reserved MOD_TYPE_J[1:0] Reserved MIN_PERIOD_J[9:8] 0x0000 R/W [7:0] MIN_PERIOD_J[7:0] 0x0229 LED_PULSE _J [15:8] LED_WIDTH_J[7:0] 0x0210 R/W [7:0] LED_OFFSET_J[7:0] 0x022A INTEG_ SETUP_J [15:8] SINGLE_ INTEG_J CH2_AMP_DISABLE_J[2:0] AFE_INT_ C_BUF_J CH1_AMP_DISABLE_J[2:0] 0x0003 R/W [7:0] ADC_COUNT_J[1:0] Reserved INTEG_WIDTH_J[4:0] 0x022B INTEG_OS_J [15:8] Reserved INTEG_ OFFSET_J[12:8] 0x0214 R/W [7:0] INTEG_OFFSET_J[7:0] 0x022C MOD_ PULSE_J [15:8] MOD_WIDTH_J[7:0] 0x0001 R/W [7:0] MOD_OFFSET_J[7:0] 0x022D PATTERN_J [15:8] LED_DISABLE_J[3:0] MOD_DISABLE_J[3:0] 0x0000 R/W [7:0] SUBTRACT_J[3:0] REVERSE_INTEG_J[3:0] 0x022E ADC_OFF1_ J [15:8] Reserved CH1_ADC_ADJUST_J[13:8] 0x0000 R/W [7:0] CH1_ADC_ADJUST_J[7:0] 0x022F ADC_OFF2_ J [15:8] ZERO_ ADJUST_J Reserved CH2_ADC_ADJUST_J[13:8] 0x0000 R/W [7:0] CH2_ADC_ADJUST_J[7:0] 0x0230 DATA_ FORMAT_J [15:8] DARK_SHIFT_J[4:0] DARK_SIZE_J[2:0] 0x0003 R/W [7:0] SIGNAL_SHIFT_J[4:0] SIGNAL_SIZE_J[2:0] 0x0232 DECIMATE_J [15:8] Reserved DECIMATE_FACTOR_J[6:4] 0x0000 R/W [7:0] DECIMATE_FACTOR_J[3:0] DECIMATE_TYPE_J[3:0] |