Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADPD4200 Fiches technique(PDF) 52 Page - Analog Devices

No de pièce ADPD4200
Description  Multimodal Sensor Front End
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADPD4200 Fiches technique(HTML) 52 Page - Analog Devices

Back Button ADPD4200 Datasheet HTML 48Page - Analog Devices ADPD4200 Datasheet HTML 49Page - Analog Devices ADPD4200 Datasheet HTML 50Page - Analog Devices ADPD4200 Datasheet HTML 51Page - Analog Devices ADPD4200 Datasheet HTML 52Page - Analog Devices ADPD4200 Datasheet HTML 53Page - Analog Devices ADPD4200 Datasheet HTML 54Page - Analog Devices ADPD4200 Datasheet HTML 55Page - Analog Devices ADPD4200 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
Data Sheet
ADPD4200
REGISTER MAP
analog.com
Rev. 0 | 52 of 93
Table 25. Register Map Summary
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x0123
CATHODE_B [15:8]
Reserved
PRECON_B[2:0]
VC2_PULSE_B[1:0]
VC2_ALT_B[1:0]
0x0000
R/W
[7:0]
VC2_SEL_B[1:0]
VC1_PULSE_B[1:0]
VC1_ALT_B[1:0]
VC1_SEL_B[1:0]
0x0124
AFE_TRIM_B [15:8]
Reserved
CH2_TRIM_INT_B[1:0]
CH2_TRIM_INT_B[1:0]
VREF_
PULSE_B
AFE_TRIM_
VREF_B[1:0]
0x03C0
R/W
[7:0]
VREF_PULSE_VAL_B[1:0]
TIA_GAIN_CH2_B[2:0]
TIA_GAIN_CH1_B[2:0]
0x0125
LED_
POW12_B
[15:8]
LED_
DRIVESIDE2
_B
LED_CURRENT2_B[6:0]
0x0000
R/W
[7:0]
LED_
DRIVESIDE1
_B
LED_CURRENT1_B[6:0]
0x0126
LED_
POW34_B
[15:8]
LED_
DRIVESIDE4
_B
LED_CURRENT4_B[6:0]
0x0000
R/W
[7:0]
LED_
DRIVESIDE3
_B
LED_CURRENT3_B[6:0]
0x0127
COUNTS_B
[15:8]
NUM_INT_B[7:0]
0x0101
R/W
[7:0]
NUM_REPEAT_B[7:0]
0x0128
PERIOD_B
[15:8]
Reserved
MOD_TYPE_B[1:0]
Reserved
MIN_PERIOD_B[9:8] 0x0000
R/W
[7:0]
MIN_PERIOD_B[7:0]
0x0129
LED_
PULSE_B
[15:8]
LED_WIDTH_B[7:0]
0x0210
R/W
[7:0]
LED_OFFSET_B[7:0]
0x012A
INTEG_
SETUP_B
[15:8]
SINGLE_
INTEG_B
CH2_AMP_DISABLE_B[2:0]
AFE_INT_C
_BUF_B
CH1_AMP_DISABLE_B[2:0]
0x0003
R/W
[7:0]
ADC_COUNT_B[1:0]
Reserved
INTEG_WIDTH_B[4:0]
0x012B
INTEG_OS_
B
[15:8]
Reserved
INTEG_ OFFSET_B[12:8]
0x0214
R/W
[7:0]
INTEG_OFFSET_B[7:0]
0x012C
MOD_
PULSE_B
[15:8]
MOD_WIDTH_B[7:0]
0x0001
R/W
[7:0]
MOD_OFFSET_B[7:0]
0x012D
PATTERN_B [15:8]
LED_DISABLE_B[3:0]
MOD_DISABLE_B[3:0]
0x0000
R/W
[7:0]
SUBTRACT_B[3:0]
REVERSE_INTEG_B[3:0]
0x012E
ADC_OFF1_
B
[15:8]
Reserved
CH1_ADC_ADJUST_B[13:8]
0x0000
R/W
[7:0]
CH1_ADC_ADJUST_B[7:0]
0x012F
ADC_OFF2_
B
[15:8]
ZERO_
ADJUST_B
Reserved
CH2_ADC_ADJUST_B[13:8]
0x0000
R/W
[7:0]
CH2_ADC_ADJUST_B[7:0]
0x0130
DATA_
FORMAT_B
[15:8]
DARK_SHIFT_B[4:0]
DARK_SIZE_B[2:0]
0x0003
R/W
[7:0]
SIGNAL_SHIFT_B[4:0]
SIGNAL_SIZE_B[2:0]
0x0132
DECIMATE_
B
[15:8]
Reserved
DECIMATE_FACTOR_B[6:4]
0x0000
R/W
[7:0]
DECIMATE_FACTOR_B[3:0]
DECIMATE_TYPE_B[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93