| Moteur de recherche de fiches techniques de composants électroniques |
|
FAM65CR51AXZ2 Fiches technique(PDF) 1 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
FAM65CR51AXZ2 Fiches technique(HTML) 1 Page - ON Semiconductor |
|
1 / 14 page ![]() © Semiconductor Components Industries, LLC, 2021 May, 2021 − Rev. 0 1 Publication Order Number: FAM65CR51AXZ1/D Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC with SiC Diodes FAM65CR51AXZ1, FAM65CR51AXZ2 Features • Integrated SIP or DIP Boost Converter Stage Power Module for On−board Charger (OBC) in EV or PHEV • 5 kV/1 sec Electrically Isolated Substrate for Easy Assembly • Creepage and Clearance per IEC60664−1, IEC 60950−1 • Compact Design for Low Total Module Resistance • Module Serialization for Full Traceability • Lead Free, RoHS and UL94V−0 Compliant • Automotive Qualified per AEC Q101 and AQG324 Guidelines • Improved Performance with SiC Diodes Applications • PFC Stage of an On−board Charger in PHEV or EV Benefits • Enable Design of Small, Efficient and Reliable System for Reduced Vehicle Fuel Consumption and CO2 Emission • Simplified Assembly, Optimized Layout, High Level of Integration, and Improved Thermal Performance www.onsemi.com See detailed ordering, marking and shipping information on page 2 of this data sheet. ORDERING INFORMATION APMCD−B16 12 LEAD CASE MODGK XXXX = Specific Device Code ZZZ = Lot ID AT = Assembly & Test Location Y = Year W = Work Week NNN = Serial Number MARKING DIAGRAM XXXXXXXXXXX ZZZ ATYWW NNNNNNN APMCD−A16 12 LEAD CASE MODGG |
Numéro de pièce similaire - FAM65CR51AXZ2 |
|
Description similaire - FAM65CR51AXZ2 |