Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC5604BAMLL6R Fiches technique(PDF) 19 Page - NXP Semiconductors

No de pièce PPC5604BAMLL6R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5604BAMLL6R Fiches technique(HTML) 19 Page - NXP Semiconductors

Back Button PPC5604BAMLL6R Datasheet HTML 15Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 16Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 17Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 18Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 19Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 20Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 21Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 22Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
19
PC[7]
PCR[39]
AF0
AF1
AF2
AF3
—
—
GPIO[39]
—
—
—
LIN1RX
WKPU[12]4
SIUL
—
—
—
LINFlex_1
WKPU
I/O
—
—
—
I
I
S
Tristate
17172637
P3
PC[8]
PCR[40]
AF0
AF1
AF2
AF3
GPIO[40]
LIN2TX
—
—
SIUL
LINFlex_2
—
—
I/O
O
—
—
S
Tristate
636399
143
A1
PC[9]
PCR[41]
AF0
AF1
AF2
AF3
—
—
GPIO[41]
—
—
—
LIN2RX
WKPU[13]4
SIUL
—
—
—
LINFlex_2
WKPU
I/O
—
—
—
I
I
S
Tristate
2222
B1
PC[10]
PCR[42]
AF0
AF1
AF2
AF3
GPIO[42]
CAN1TX
CAN4TX11
MA[1]
SIUL
FlexCAN_1
FlexCAN_4
ADC
I/O
O
O
O
M
Tristate
13132228
M3
PC[11]
PCR[43]
AF0
AF1
AF2
AF3
—
—
—
GPIO[43]
—
—
—
CAN1RX
CAN4RX11
WKPU[5]4
SIUL
—
—
—
FlexCAN_1
FlexCAN_4
WKPU
I/O
—
—
—
I
I
I
S
Tristate
—
—
21
27
M4
PC[12]
PCR[44]
AF0
AF1
AF2
AF3
—
GPIO[44]
E0UC[12]
—
—
SIN_2
SIUL
eMIOS_0
—
—
DSPI_2
I/O
I/O
—
—
I
M
Tristate
—
—
97
141
B4
PC[13]
PCR[45]
AF0
AF1
AF2
AF3
GPIO[45]
E0UC[13]
SOUT_2
—
SIUL
eMIOS_0
DSPI_2
—
I/O
I/O
O
—
S
Tristate
—
—
98
142
A2
PC[14]
PCR[46]
AF0
AF1
AF2
AF3
—
GPIO[46]
E0UC[14]
SCK_2
—
EIRQ[8]
SIUL
eMIOS_0
DSPI_2
—
SIUL
I/O
I/O
I/O
—
I
S
Tristate
—
—
3
3
C1
Table 5. Functional port pin descriptions (continued)
Pin number