Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC5604BAMLL6R Fiches technique(PDF) 18 Page - NXP Semiconductors

No de pièce PPC5604BAMLL6R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5604BAMLL6R Fiches technique(HTML) 18 Page - NXP Semiconductors

Back Button PPC5604BAMLL6R Datasheet HTML 14Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 15Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 16Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 17Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 18Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 19Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 20Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 21Page - NXP Semiconductors PPC5604BAMLL6R Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
18
PB[15]
PCR[31]
AF0
AF1
AF2
AF3
—
GPIO[31]
E0UC[7]
—
CS4_0
ANX[3]
SIUL
eMIOS_0
—
DSPI_0
ADC
I/O
I/O
—
O
I
J
Tristate
42386789
L13
PC[0]9
PCR[32]
AF0
AF1
AF2
AF3
GPIO[32]
—
TDI
—
SIUL
—
JTAGC
—
I/O
—
I
—
M
Input, weak
pull-up
59
59
87
126
A8
PC[1]9
PCR[33]
AF0
AF1
AF2
AF3
GPIO[33]
—
TDO10
—
SIUL
—
JTAGC
—
I/O
—
O
—
M
Tristate
545482
121
C9
PC[2]
PCR[34]
AF0
AF1
AF2
AF3
—
GPIO[34]
SCK_1
CAN4TX11
—
EIRQ[5]
SIUL
DSPI_1
FlexCAN_4
—
SIUL
I/O
I/O
O
—
I
M
Tristate
505078
117 A11
PC[3]
PCR[35]
AF0
AF1
AF2
AF3
—
—
—
GPIO[35]
CS0_1
MA[0]
—
CAN1RX
CAN4RX11
EIRQ[6]
SIUL
DSPI_1
ADC
—
FlexCAN_1
FlexCAN_4
SIUL
I/O
I/O
O
—
I
I
I
S
Tristate
494977
116 B11
PC[4]
PCR[36]
AF0
AF1
AF2
AF3
—
—
GPIO[36]
—
—
—
SIN_1
CAN3RX11
SIUL
—
—
—
DSPI_1
FlexCAN_3
I/O
—
—
—
I
I
M
Tristate
626292
131
B7
PC[5]
PCR[37]
AF0
AF1
AF2
AF3
—
GPIO[37]
SOUT_1
CAN3TX11
—
EIRQ[7]
SIUL
DSPI1
FlexCAN_3
—
SIUL
I/O
O
O
—
I
M
Tristate
616191
130
A7
PC[6]
PCR[38]
AF0
AF1
AF2
AF3
GPIO[38]
LIN1TX
—
—
SIUL
LINFlex_1
—
—
I/O
O
—
—
S
Tristate
16162536
R2
Table 5. Functional port pin descriptions (continued)
Pin number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More