Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC5604BAMLL4R Fiches technique(PDF) 27 Page - NXP Semiconductors

No de pièce PPC5604BAMLL4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PPC5604BAMLL4R Fiches technique(HTML) 27 Page - NXP Semiconductors

Back Button PPC5604BAMLL4R Datasheet HTML 23Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 24Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 25Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 26Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 27Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 28Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 29Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 30Page - NXP Semiconductors PPC5604BAMLL4R Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
27
PG[9]
PCR[105] AF0
AF1
AF2
AF3
GPIO[105]
E1UC[18]
—
SCK_2
SIUL
eMIOS_1
—
DSPI_2
I/O
I/O
—
I/O
S
Tristate
—
—
—
25
L1
PG[10]
PCR[106] AF0
AF1
AF2
AF3
GPIO[106]
E0UC[24]
—
—
SIUL
eMIOS_0
—
—
I/O
I/O
—
—
S
Tristate
—
—
—
114 D13
PG[11]
PCR[107] AF0
AF1
AF2
AF3
GPIO[107]
E0UC[25]
—
—
SIUL
eMIOS_0
—
—
I/O
I/O
—
—
M
Tristate
—
—
—
115 B12
PG[12]
PCR[108] AF0
AF1
AF2
AF3
GPIO[108]
E0UC[26]
—
—
SIUL
eMIOS_0
—
—
I/O
I/O
—
—
M
Tristate
—
—
—
92
K14
PG[13]
PCR[109] AF0
AF1
AF2
AF3
GPIO[109]
E0UC[27]
—
—
SIUL
eMIOS_0
—
—
I/O
I/O
—
—
M
Tristate
—
—
—
91
K16
PG[14]
PCR[110] AF0
AF1
AF2
AF3
GPIO[110]
E1UC[0]
—
—
SIUL
eMIOS_1
—
—
I/O
I/O
—
—
S
Tristate
—
—
—
110 B14
PG[15]
PCR[111] AF0
AF1
AF2
AF3
GPIO[111]
E1UC[1]
—
—
SIUL
eMIOS_1
—
—
I/O
I/O
—
—
M
Tristate
—
—
—
111 B13
PH[0]
PCR[112] AF0
AF1
AF2
AF3
—
GPIO[112]
E1UC[2]
—
—
SIN1
SIUL
eMIOS_1
—
—
DSPI_1
I/O
I/O
—
—
I
M
Tristate
—
—
—
93
F13
PH[1]
PCR[113] AF0
AF1
AF2
AF3
GPIO[113]
E1UC[3]
SOUT1
—
SIUL
eMIOS_1
DSPI_1
—
I/O
I/O
O
—
M
Tristate
—
—
—
94
F14
Table 5. Functional port pin descriptions (continued)
Pin number