Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC5602CFMLL4R Fiches technique(PDF) 30 Page - NXP Semiconductors

No de pièce MPC5602CFMLL4R
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5602CFMLL4R Fiches technique(HTML) 30 Page - NXP Semiconductors

Back Button MPC5602CFMLL4R Datasheet HTML 26Page - NXP Semiconductors MPC5602CFMLL4R Datasheet HTML 27Page - NXP Semiconductors MPC5602CFMLL4R Datasheet HTML 28Page - NXP Semiconductors MPC5602CFMLL4R Datasheet HTML 29Page - NXP Semiconductors MPC5602CFMLL4R Datasheet HTML 30Page - NXP Semiconductors MPC5602CFMLL4R Datasheet HTML 31Page - NXP Semiconductors MPC5602CFMLL4R Datasheet HTML 32Page - NXP Semiconductors MPC5602CFMLL4R Datasheet HTML 33Page - NXP Semiconductors MPC5602CFMLL4R Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
30
EVTI
Event in
I
M
Pull-up
—
—
K1
EVTO
Event out
O
M
—
—
—
L4
MSEO
Message start/end out
O
M
—
—
—
G16
Table 6. Nexus 2+ pin descriptions (continued)
Debug pin
Function
I/O
direction
Pad type
Function
after reset
Pin number
100
LQFP
144
LQFP
208 MAP
BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More