| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC5602CFMLL4R Fiches technique(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC5602CFMLL4R Fiches technique(HTML) 14 Page - NXP Semiconductors |
|
14 / 109 page ![]() MPC5604B/C Microcontroller Data Sheet, Rev. 15 Package pinouts and signal descriptions NXP Semiconductors 14 PA[1] PCR[1] AF0 AF1 AF2 AF3 — — GPIO[1] E0UC[1] — — NMI5 WKPU[2]4 SIUL eMIOS_0 — — WKPU WKPU I/O I/O — — I I S Tristate 447 11 F3 PA[2] PCR[2] AF0 AF1 AF2 AF3 — GPIO[2] E0UC[2] — — WKPU[3]4 SIUL eMIOS_0 — — WKPU I/O I/O — — I S Tristate 3359 F2 PA[3] PCR[3] AF0 AF1 AF2 AF3 — GPIO[3] E0UC[3] — — EIRQ[0] SIUL eMIOS_0 — — SIUL I/O I/O — — I S Tristate 43396890 K15 PA[4] PCR[4] AF0 AF1 AF2 AF3 — GPIO[4] E0UC[4] — — WKPU[9]4 SIUL eMIOS_0 — — WKPU I/O I/O — — I S Tristate 20202943 N6 PA[5] PCR[5] AF0 AF1 AF2 AF3 GPIO[5] E0UC[5] — — SIUL eMIOS_0 — — I/O I/O — — M Tristate 515179 118 C11 PA[6] PCR[6] AF0 AF1 AF2 AF3 — GPIO[6] E0UC[6] — — EIRQ[1] SIUL eMIOS_0 — — SIUL I/O I/O — — I S Tristate 525280 119 D11 PA[7] PCR[7] AF0 AF1 AF2 AF3 — GPIO[7] E0UC[7] LIN3TX — EIRQ[2] SIUL eMIOS_0 LINFlex_3 — SIUL I/O I/O O — I S Tristate 444471 104 D16 Table 5. Functional port pin descriptions (continued) Pin number |