| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8545 Fiches technique(PDF) 66 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545 Fiches technique(HTML) 66 Page - NXP Semiconductors |
|
66 / 68 page ![]() NXP Semiconductors PCF8545 Universal LCD driver for multiplex rates up to 1:8 Tables Tab. 1. Ordering information ..........................................2 Tab. 2. Ordering options ................................................2 Tab. 3. Pin description of PCF8545ATT and PCF8545BTT .....................................................6 Tab. 4. Commands of PCF8545 ....................................7 Tab. 5. Initialize - initialize command bit description ......7 Tab. 6. OTP-refresh - OTP-refresh command bit description ......................................................... 8 Tab. 7. Mode-settings - mode settings command bit description ....................................................8 Tab. 8. Effect of the power-down bit (PD) ................... 10 Tab. 9. Oscillator-control - oscillator control command bit description ................................. 11 Tab. 10. Valid combinations of bits OSC, EFR, and COE .................................................................12 Tab. 11. Typical use of bits OSC, EFR, and COE ......... 12 Tab. 12. OSCCLK pin state depending on configuration ....................................................13 Tab. 13. LCD frame frequencies ................................... 13 Tab. 14. Set-MUX-mode - set multiplex drive mode command bit description ................................. 14 Tab. 15. Set-bias-mode - set bias mode command bit description .................................................. 14 Tab. 16. Frame-frequency - frame frequency and output clock frequency command bit description ....................................................... 14 Tab. 17. Frame frequency prescaler values for 230 kHz clock operation .........................................15 Tab. 18. Load-data-pointer - load data pointer command bit description ................................. 16 Tab. 19. Write-RAM-data - write RAM data command bit description ................................. 16 Tab. 20. Reset state ......................................................17 Tab. 21. Selection of display configurations .................. 20 Tab. 22. Preferred LCD drive modes: summary of characteristics ..................................................22 Tab. 23. Backplane and active segment combinations ................................................... 29 Tab. 24. Control byte description .................................. 35 Tab. 25. I2C target address byte ...................................38 Tab. 26. R/W-bit description ..........................................38 Tab. 27. Status read out value ......................................39 Tab. 28. Modified status read out value ........................ 40 Tab. 29. Serial interface ................................................ 40 Tab. 30. Subaddress byte definition ..............................41 Tab. 31. Limiting values ................................................ 43 Tab. 32. Static characteristics ....................................... 44 Tab. 33. Dynamic characteristics .................................. 47 Tab. 34. Timing characteristics: I2C-bus ....................... 48 Tab. 35. Timing characteristics: SPI-bus .......................50 Tab. 36. Carrier tape dimensions of PCF8545ATT and PCF8545BTT ........................................... 53 Tab. 37. SnPb eutectic process (from J-STD-020D) ..... 55 Tab. 38. Lead-free process (from J-STD-020D) ............55 Tab. 39. Selection of LCD segment drivers ...................59 Tab. 40. Abbreviations ...................................................62 Tab. 41. Revision history ...............................................63 Figures Fig. 1. Block diagram of PCF8545A .............................3 Fig. 2. Block diagram of PCF8545B .............................4 Fig. 3. Pin configuration for TSSOP56 (PCF8545ATT) .................................................. 5 Fig. 4. Pin configuration for TSSOP56 (PCF8545BTT) .................................................. 5 Fig. 5. Effect of backplane swapping ........................... 9 Fig. 6. Recommended power-down sequence ........... 10 Fig. 7. Oscillator selection .......................................... 12 Fig. 8. Recommended start-up sequence when using the internal oscillator ............................. 18 Fig. 9. Recommended start-up sequence when using an external clock signal ......................... 19 Fig. 10. Example of displays suitable for PCF8545 ......20 Fig. 11. Typical system configuration for the I2C- bus ...................................................................21 Fig. 12. Typical system configuration for the SPI- bus ...................................................................21 Fig. 13. Electro-optical characteristic: relative transmission curve of the liquid .......................23 Fig. 14. Waveforms for the 1:4 multiplex drive mode with 1⁄3 bias and line inversion ....................... 24 Fig. 15. Waveforms for 1:6 multiplex drive mode with bias 1⁄3 and line inversion ....................... 25 Fig. 16. Waveforms for 1:6 multiplex drive mode with bias 1⁄4 and line inversion ....................... 26 Fig. 17. Waveforms for 1:8 multiplex drive mode with bias 1⁄4 and line inversion ....................... 27 Fig. 18. Waveforms for 1:8 multiplex drive mode with bias 1⁄4 and frame inversion ....................28 Fig. 19. Display RAM bitmap ....................................... 30 Fig. 20. Display RAM filling order in 1:4 multiplex drive mode ...................................................... 32 Fig. 21. Boundary condition in 1:4 multiplex drive mode ............................................................... 32 Fig. 22. Display RAM filling order in 1:6 multiplex drive mode ...................................................... 33 Fig. 23. Boundary condition in 1:6 multiplex drive mode ............................................................... 34 Fig. 24. Display RAM filling order in 1:8 multiplex drive mode ...................................................... 35 Fig. 25. Control byte format ......................................... 36 Fig. 26. Bit transfer .......................................................36 Fig. 27. Definition of START and STOP conditions ...... 37 Fig. 28. System configuration .......................................37 PCF8545 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 2 — 4 October 2021 66 / 68 |