| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8545 Fiches technique(PDF) 62 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545 Fiches technique(HTML) 62 Page - NXP Semiconductors |
|
62 / 68 page ![]() NXP Semiconductors PCF8545 Universal LCD driver for multiplex rates up to 1:8 20 Abbreviations Acronym Description CDM Charged-Device Model CMOS Complementary Metal-Oxide Semiconductor DC Direct Current EMC ElectroMagnetic Compatibility EPROM Erasable Programmable Read-Only Memory ESD ElectroStatic Discharge HBM Human Body Model I2C Inter-Integrated Circuit bus IC Integrated Circuit LCD Liquid Crystal Display LSB Least Significant Bit MSB Most Significant Bit MSL Moisture Sensitivity Level MUX Multiplexer OTP One Time Programmable PCB Printed-Circuit Board POR Power-On Reset RC Resistance-Capacitance RAM Random Access Memory RGB Red Green Blue RMS Root Mean Square SCL Serial CLock line SDA Serial DAta line SPI Serial Peripheral Interface Table 40. Abbreviations 21 References [1] JESD22-A114 Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM) [2] JESD22-C101 Field-Induced Charged-Device Model Test Method for Electrostatic- Discharge-Withstand Thresholds of Microelectronic Components [3] JESD78 IC Latch-Up Test [4] UM10569 Store and transport requirements PCF8545 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 2 — 4 October 2021 62 / 68 |