| Moteur de recherche de fiches techniques de composants électroniques |
|
KC-076CS Fiches technique(PDF) 5 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KC-076CS Fiches technique(HTML) 5 Page - Socay Electornics Co., Ltd. |
|
5 / 5 page ![]() KCXXXCS Series 10KA Transient Voltage Suppressor Revision In November 26, 2020 5 / 5 @ SOCAY Electronics Corp., Ltd. 2020 Specifications are subject to change without notice. Please refer to www.socay.com for current information. KCXXXCS Series SOCAY Electronics Corp., Ltd. www.socay.com Ref. Dimensions Millimeters Inches A0 15.1 ± 0.3 0.594± 0.012 B0 18.8 ± 0.3 0.740 ± 0.012 C 330 13 D0 1.50 ± 0.1 0.059 ± 0.004 E 1.75 ± 0.2 0.069 ± 0.008 E1 13.30 ± 0.3 0.524± 0.012 F 14.20 ± 0.2 0.559 ± 0.008 P0 4.0 ± 0.2 0.157 ± 0.008 P1 20.0 ± 0.2 0.787 ± 0.008 P2 2.0 ± 0.2 0.079 ± 0.008 W 32.0± 0.2 1.260 ± 0.008 W1 36.0±0.5 1.417±0.020 OUTLINE PACKAGE UNIT WEIGHT (g/PCS) typ. REEL (PCS) REEL DIAMETERS (mm) TAPING KCXXXCS 6.48 400 330 Tape And Reel Specification-SMTO-218Tab Packageing |