| Moteur de recherche de fiches techniques de composants électroniques |
|
KC-076CS Fiches technique(PDF) 4 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
KC-076CS Fiches technique(HTML) 4 Page - Socay Electornics Co., Ltd. |
|
4 / 5 page ![]() KCXXXCS Series 10KA Transient Voltage Suppressor Revision In November 26, 2020 4 / 5 @ SOCAY Electronics Corp., Ltd. 2020 Specifications are subject to change without notice. Please refer to www.socay.com for current information. KCXXXCS Series SOCAY Electronics Corp., Ltd. www.socay.com Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 17.00 --- 17.60 0.669 --- 0.693 B 14.50 --- 15.10 0.571 --- 0.594 C 15.75 --- 16.35 0.620 --- 0.644 D 6.85 --- 7.20 0.270 --- 0.283 E 18.20 --- 18.70 0.717 --- 0.736 F 13.10 --- 13.60 0.516 --- 0.535 G 3.15 --- 3.75 0.124 --- 0.148 H 4.85 --- 5.15 0.191 --- 0.203 I 13.20 --- 13.60 0.520 --- 0.535 J 0.50 --- 0.70 0.020 --- 0.028 K --- 13.70 --- --- 0.539 --- L --- 13.45 --- --- 0.530 --- M --- 10.80 --- --- 0.425 --- N --- 5.30 --- --- 0.209 --- P --- 3.00 --- --- 0.118 --- Q --- 1.50 --- --- 0.059 --- R --- 4.90 --- --- 0.193 --- Package Mechanical Data Marking |