Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M76DW52003TA Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce M76DW52003TA
Description  32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW52003TA Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button M76DW52003TA Datasheet HTML 19Page - STMicroelectronics M76DW52003TA Datasheet HTML 20Page - STMicroelectronics M76DW52003TA Datasheet HTML 21Page - STMicroelectronics M76DW52003TA Datasheet HTML 22Page - STMicroelectronics M76DW52003TA Datasheet HTML 23Page - STMicroelectronics M76DW52003TA Datasheet HTML 24Page - STMicroelectronics M76DW52003TA Datasheet HTML 25Page - STMicroelectronics M76DW52003TA Datasheet HTML 26Page - STMicroelectronics M76DW52003TA Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23/27
M76DW52003TA, M76DW52003BA
PACKAGE MECHANICAL
Figure 16. Stacked LFBGA73 8x11.6mm, 10x12 array, 0.8mm pitch, Bottom View Package Outline
Note: Drawing is not to scale.
BGA-Z50
ddd
A2
A1
A
SD
FE
E1
E
BALL "A1"
SE
D1
D
FD
eb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27