| Moteur de recherche de fiches techniques de composants électroniques |
|
M76DW52003TA Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M76DW52003TA Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 27 page ![]() 19/27 M76DW52003TA, M76DW52003BA Figure 12. SRAM Write AC Waveforms, E1S Controlled Note: 1. WS, E1S, E2S, UBS and/or LBS must be asserted to initiate a write cycle. Output Enable (GS) = Low (otherwise, DQ0-DQ15 are high impedance). If E1S, E2S and W are deasserted at the same time, DQ0-DQ15 remain high impedance. 2. If E1S, E2S and W are deasserted at the same time, DQ0-DQ15 remain high impedance. 3. The I/O pins are in output mode and input signals must not be applied. AI07945b tAVAV tE1HAX tDVE1H tDVE2L INPUT VALID A0-A17 E1S W DQ0-DQ15 VALID E2S tAVE1H tAVE2L tBLE1H tBLE2L tGHQZ tE1HDZ tE2LDZ tAVE1L UBS, LBS tE2HE2L tE1LE1H G tWLE1H tWLE2L tAVE2H tE2LAX Note 3 |