Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MF3DX2 Fiches technique(PDF) 14 Page - NXP Semiconductors

No de pièce MF3DX2
Description  MIFARE DESFire EV2 contactless multi-application IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF3DX2 Fiches technique(HTML) 14 Page - NXP Semiconductors

Back Button MF3DX2 Datasheet HTML 10Page - NXP Semiconductors MF3DX2 Datasheet HTML 11Page - NXP Semiconductors MF3DX2 Datasheet HTML 12Page - NXP Semiconductors MF3DX2 Datasheet HTML 13Page - NXP Semiconductors MF3DX2 Datasheet HTML 14Page - NXP Semiconductors MF3DX2 Datasheet HTML 15Page - NXP Semiconductors MF3DX2 Datasheet HTML 16Page - NXP Semiconductors MF3DX2 Datasheet HTML 17Page - NXP Semiconductors MF3DX2 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
NXP Semiconductors
MF3D(H)x2
MIFARE DESFire EV2 contactless multi-application IC
MF3Dx2_MF3DHx2_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.2 — 12 June 2019
COMPANY PUBLIC
364232
14 / 27
result in the following options of secure communication between MIFARE DESFire EV2
and PCD:
• Plain data transfer (only possible within the backwards-compatible mode to MF3ICD40
and EV2 secure messaging)
• Plain data transfer with cryptographic checksum (MAC): Authentication with
backwards-compatible mode to MF3ICD40: 4 byte MAC; All other authentications
based on DES/3DES/AES: 8 byte CMAC
• Encrypted data transfer (secured by CRC before encryption): Authentication with
backwards-compatible mode to MF3ICD40: A 16-bit CRC is calculated over the stream
and attached. The resulting stream is encrypted using the chosen cryptographic
method. All other authentications-based DES/3DES/AES: A 32-bit CRC is calculated
over the stream and attached. The resulting stream is encrypted using the chosen
cryptographic method. A cryptographic checksum (CMAC) will also be attached when
using EV2 secure messaging.
Find more information on the security concept of the product in [1]. Be aware not all
levels of security are recommended. For new design, the EV2 secure messaging is
recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27