| Moteur de recherche de fiches techniques de composants électroniques |
|
MF3DX2 Fiches technique(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF3DX2 Fiches technique(HTML) 17 Page - NXP Semiconductors |
|
17 / 27 page ![]() NXP Semiconductors MF3D(H)x2 MIFARE DESFire EV2 contactless multi-application IC MF3Dx2_MF3DHx2_SDS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2019. All rights reserved. Product short data sheet Rev. 3.2 — 12 June 2019 COMPANY PUBLIC 364232 17 / 27 Command Description CreateCyclicRecordFile Creates files for multiple storages of structural similar data, for example for logging transactions, within an existing application on the PICC. Once the file is filled completely with data records, the PICC automatically overwrites the oldest record with the latest written one. This wrap is fully transparent for the PCD. CreateTransactionMACFile Creates a Transaction MAC File and enables the Transaction MAC feature for the targeted application. DeleteFile Permanently deactivates a file within the file directory of the currently selected application. GetFileIDs Returns the File IDentifiers of all active files within the currently selected application. GetISOFileIDs Get back the ISO File ID. GetFileSettings Get information on the properties of a specific file. ChangeFileSettings Changes the access parameters of an existing file. 8.6 Data Management Commands Table 9. Data management commands overview Command Description ReadData Reads data from FileType.StandardData or FileType.BackupData. WriteData Writes data to FileType.StandardData or FileType.BackupData GetValue Reads the currently stored value from FileType.Value. Credit Increases a value stored in a FileType.Value. Debit Decreases a value stored in a FileType.Value. LimitedCredit Allows a limited increase of a value stored in a FileType.Value without having full Credit permissions to the file. ReadRecords Reads out a set of complete records from a FileType.CyclicRecord or FileType.LinearRecord. WriteRecord Writes data to a record in a FileType.CyclicRecord or FileType.LinearRecord. UpdateRecord Updates data of an existing record in a FileType.LinearRecord or FileType.CyclicRecord file. ClearRecordFile Resets a FileType.LinearRecord or FileType.CyclicRecord to empty state. 8.7 Transaction Management Commands Table 10. Transaction management commands overview Command Description CommitTransaction Validates all previous write access’ on FileType.BackupData, FileType.Value, FileType.LinearRecord and FileType.CyclicRecord within one application. AbortTransaction Invalidates all previous write access’ on FileType.BackupData, FileType.Value, FileType.LinearRecord and FileType.CyclicRecord within one application. |