| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F373VC Fiches technique(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373VC Fiches technique(HTML) 38 Page - STMicroelectronics |
|
38 / 137 page ![]() Pinouts and pin description STM32F373xx 38/137 DocID022691 Rev 7 67 D11 41 29 PA8 I/O FT - SPI2_SCK/I2S2_CK, I2C2_SMBA, USART1_CK, TIM4_ETR, TIM5_CH1_ETR, MCO - 68 D10 42 30 PA9 I/O FTf - SPI2_MISO/I2S2_MCK, I2C2_SCL, USART1_TX, TIM2_CH3, TIM15_BKIN, TIM13_CH1, TSC_G4_IO1 - 69 C12 43 31 PA10 I/O FTf - SPI2_MOSI/I2S2_SD, I2C2_SDA, USART1_RX, TIM2_CH4, TIM17_BKIN, TIM14_CH1, TSC_G4_IO2 - 70 B12 44 32 PA11 I/O FT - SPI2_NSS/I2S2_WS, SPI1_NSS/I2S1_WS, USART1_CTS, CAN_RX, TIM4_CH1, USB_DM, TIM5_CH2, COMP1_OUT - 71 A12 45 33 PA12 I/O FT - SPI1_SCK/I2S1_CK, USART1_RTS, CAN_TX, USB_DP, TIM16_CH1, TIM4_CH2, TIM5_CH3, COMP2_OUT - 72 A11 46 34 PA13 I/O FT - SPI1_MISO/I2S1_MCK, USART3_CTS, IR_OUT, TIM16_CH1N, TIM4_CH3, TIM5_CH4, TSC_G4_IO3, SWDIO-JTMS - 73 C11 47 35 PF6 I/O FTf - SPI1_MOSI/I2S1_SD, USART3_RTS, TIM4_CH4, I2C2_SCL - 74 F11 - - VSS_3 S - (2) Ground 75 G11 - - VDD_3 S - (2) Digital power supply - - 48 36 PF7 I/O FTf - I2C2_SDA, USART2_CK - 76 A10 49 37 PA14 I/O FTf - I2C1_SDA, TIM12_CH1, TSC_G4_IO4, SWCLK-JTCK - Table 11. STM32F373xx pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |