| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F373VC Fiches technique(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373VC Fiches technique(HTML) 36 Page - STMicroelectronics |
|
36 / 137 page ![]() Pinouts and pin description STM32F373xx 36/137 DocID022691 Rev 7 38 M7 - - PE7 I/O TC (3) (2) - SDADC1_AIN3P, SDADC1_AIN4M, SDADC2_AIN5P, SDADC2_AIN6M 39 L7 29 21 PE8 I/O TC (3) - SDADC1_AIN8P, SDADC2_AIN8P 40 M8 30 22 PE9 I/O TC (3) - SDADC1_AIN7P, SDADC1_AIN8M, SDADC2_AIN7P, SDADC2_AIN8M 41 L8 - - PE10 I/O TC (3) (2) - SDADC1_AIN2P 42 M9 - - PE11 I/O TC (3) (2) - SDADC1_AIN1P, SDADC1_AIN2M, SDADC2_AIN4P 43 L9 - - PE12 I/O TC (3) (2) - SDADC1_AIN0P, SDADC2_AIN3P, SDADC2_AIN4M 44 M10 - - PE13 I/O TC (3) (2) - SDADC1_AIN0M , SDADC2_AIN2P 45 M11 - - PE14 I/O TC (3) (2) - SDADC2_AIN1P, SDADC2_AIN2M 46 M12 - - PE15 I/O TC (3) (2) USART3_RX SDADC2_AIN0P 47 L10 - - PB10 I/O TC (3) (2) SPI2_SCK/I2S2_CK, USART3_TX, CEC, TSC_SYNC, TIM2_CH3 SDADC2_AIN0M 48 L11 - - VREFSD- S - (2) External reference voltage for SDADC1, SDADC2, SDADC3 (negative input), negative SDADC analog input in SDADC single ended mode 49 F12 - - VSSSD S - (2) SDADC1, SDADC2, SDADC3 ground -- 31 23 VSSSD/ VREFSD- S- - SDADC1, SDADC2, SDADC3 ground / External reference voltage for SDADC1, SDADC2, SDADC3 (negative input), negative SDADC analog input in SDADC single ended mode 50 G12 - - VDDSD12 S - (2) SDADC1 and SDADC2 power supply - - 32 24 VDDSD S - - SDADC1, SDADC2, SDADC3 power supply Table 11. STM32F373xx pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |