Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC58NH90C5 Fiches technique(PDF) 72 Page - STMicroelectronics

No de pièce SPC58NH90C5
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH90C5 Fiches technique(HTML) 72 Page - STMicroelectronics

Back Button SPC58NH90C5 Datasheet HTML 68Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 69Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 70Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 71Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 72Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 73Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 74Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 75Page - STMicroelectronics SPC58NH90C5 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 147 page
background image
Electrical characteristics
SPC58EHx, SPC58NHx
72/147
DS12304 Rev 5
Figure 12. Voltage monitor threshold definition
VDD_xxx
HVD TRIGGER
TVMFILTER
VLVD
TVMFILTER
VHVD
LVD TRIGGER
TVMFILTER
TVMFILTER
(INTERNAL)
(INTERNAL)
Table 36. Voltage monitor electrical characteristics
Symbol
C
Supply/Parameter(1)
Conditions
Value(2)
Unit
Min
Typ
Max
PowerOn Reset HV
VPOR200_C
CC P VDD_HV_IO_MAIN
—
1.80
2.18
2.40
V
Minimum Voltage Detectors HV
VMVD270_C
CC P VDD_HV_IO_MAIN
—
2.71
2.76
2.80
V
VMVD270_F
CC P VDD_HV_FLA
—
2.71
2.76
2.80
V
VMVD270_SBY CC P VDD_HV_IO_MAIN (in Standby)
—
2.71
2.76
2.80
V
Low Voltage Detectors HV
VLVD290_C
CC P VDD_HV_IO_MAIN
—
2.89
2.94
2.99
V
VLVD290_F
CC P VDD_HV_FLA
—
2.89
2.94
2.99
V
VLVD290_IE
CC P VDD_HV_EMMC
—
2.89
2.94
2.99
V
VLVD290_AS
CC P VDD_HV_ADV (ADCSAR pad)
—
2.89
2.94
2.99
V
VLVD290_IE1
CC P VDD_HV_IO_ETH1
—
2.89
2.94
2.99
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More