| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC58NH90C5 Fiches technique(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NH90C5 Fiches technique(HTML) 64 Page - STMicroelectronics |
|
64 / 147 page ![]() Electrical characteristics SPC58EHx, SPC58NHx 64/147 DS12304 Rev 5 4.13 Temperature Sensor The following table describes the temperature sensor electrical characteristics. Table 29. Temperature sensor electrical characteristics Symbol C Parameter Conditions Value Unit Min Typ Max — CC — Temperature monitoring range — –40 — 150 °C TSENS CC T Sensitivity — — 5.18 — mV/°C TACC CC P Accuracy TJ < 150 C –3 — 3 °C |