Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC58NH90C3 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce SPC58NH90C3
Description  SPC58 H Line - 32 bit Power Architecture automotive MCU Triple z4 cores 200 MHz, 10 MBytes Flash, HSM, ASIL-D
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58NH90C3 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button SPC58NH90C3 Datasheet HTML 20Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 21Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 22Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 23Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 24Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 25Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 26Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 27Page - STMicroelectronics SPC58NH90C3 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 147 page
background image
Electrical characteristics
SPC58EHx, SPC58NHx
24/147
DS12304 Rev 5
4.3.1
Power domains and power up/down sequencing
The following table shows the constraints and relationships for the different power domains.
Supply1 (on rows) can exceed Supply2 (on columns), only if the cell at the given row and
column is reporting ‘ok’. This limitation is valid during power-up and power-down phases, as
well as during normal device operation.
During power-up, all functional terminals are maintained in a known state as described in
the device pinout Microsoft Excel file attached to the IO_Definition document.
Table 6. Device supply relation during power-up/power-down sequence
Supply2
VDD_LV
VDD_HV_IO_
MAIN
VDD_HV_FLA
VDD_HV_OSC
VDD_HV_IO_
ETH0
VDD_HV_IO_
ETH1
VDD_HV_IO_
EMMC
VDD_HV_ADV VDD_HV_ADR
VDD_LV(1)
ok
ok
ok
ok
ok
ok
VDD_HV_IO_MAIN
VDD_HV_FLA
VDD_HV_OSC(2)
ok
ok
ok
ok
ok
ok
VDD_HV_IO_ETH0
ok
not allowed
ok
ok
ok
ok
VDD_HV_IO_ETH1
ok
not allowed
ok
ok
ok
ok
VDD_HV_IO_EMMC
ok
not allowed
ok
ok
ok
ok
VDD_HV_ADV
ok
not allowed
ok
ok
not allowed
ok
VDD_HV_ADR
ok
not allowed
ok
ok
not allowed not allowed
1. VDD_LV can be higher than VDD_HV supplies only during power-up/down transient ramps, in case of external LV regulator
and if VDD_HV supply voltage level is lower than VDD_LV allowed max operating condition.
2. The application shall grant that these supplies are always at the same voltage level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More