| Moteur de recherche de fiches techniques de composants électroniques |
|
SPC58NH90C3 Fiches technique(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC58NH90C3 Fiches technique(HTML) 72 Page - STMicroelectronics |
|
72 / 147 page ![]() Electrical characteristics SPC58EHx, SPC58NHx 72/147 DS12304 Rev 5 Figure 12. Voltage monitor threshold definition VDD_xxx HVD TRIGGER TVMFILTER VLVD TVMFILTER VHVD LVD TRIGGER TVMFILTER TVMFILTER (INTERNAL) (INTERNAL) Table 36. Voltage monitor electrical characteristics Symbol C Supply/Parameter(1) Conditions Value(2) Unit Min Typ Max PowerOn Reset HV VPOR200_C CC P VDD_HV_IO_MAIN — 1.80 2.18 2.40 V Minimum Voltage Detectors HV VMVD270_C CC P VDD_HV_IO_MAIN — 2.71 2.76 2.80 V VMVD270_F CC P VDD_HV_FLA — 2.71 2.76 2.80 V VMVD270_SBY CC P VDD_HV_IO_MAIN (in Standby) — 2.71 2.76 2.80 V Low Voltage Detectors HV VLVD290_C CC P VDD_HV_IO_MAIN — 2.89 2.94 2.99 V VLVD290_F CC P VDD_HV_FLA — 2.89 2.94 2.99 V VLVD290_IE CC P VDD_HV_EMMC — 2.89 2.94 2.99 V VLVD290_AS CC P VDD_HV_ADV (ADCSAR pad) — 2.89 2.94 2.99 V VLVD290_IE1 CC P VDD_HV_IO_ETH1 — 2.89 2.94 2.99 V |