| Moteur de recherche de fiches techniques de composants électroniques |
|
ST25TV02K Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25TV02K Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 90 page ![]() 6.4.2 Command codes list The ST25TV02K/512 support the commands described in this section. Their codes are given in Table 40. Command codes. Table 40. Command codes Command code standard Function Command code custom Function 01h Section 6.4.4 Inventory A5h Section 6.4.26 Enable EAS 02h Section 6.4.5 Stay Quiet A6h Section 6.4.30 Kill 20h Section 6.4.6 Read Single Block A7h Section 6.4.28 Write EAS ID 21h Section 6.4.7 Write Single Block A8h Section 6.4.29 Write EAS CONFIG 22h Section 6.4.8 Lock block B1h Section 6.4.31 Write Kill Password 23h Section 6.4.9 Read Multiple Blocks Section 6.4.20 Write Password 25h Section 6.4.10 Select B2h Section 6.4.32 Lock Kill 26h Section 6.4.11 Reset to Ready B3h Section 6.4.21 Present Password 27h Section 6.4.12 Write AFI B4h Section 6.4.40 Get Random Number 28h Section 6.4.13 Lock AFI BAh Section 6.4.39 Enable Untraceable mode 29h Section 6.4.14 Write DSFID C0h Section 6.4.22 Fast Read Single Block 2Ah Section 6.4.15 Lock DSFID C1h Section 6.4.33 Fast Inventory Initiated 2Bh Section 6.4.16 Get System info C2h Section 6.4.34 Fast Initiate 2Ch Section 6.4.17 Get Multiple Block Security Status C3h Section 6.4.23 Fast Read Multiple Blocks A0h Section 6.4.18 Read Configuration D1h Section 6.4.35 Inventory Initiated A1h Section 6.4.19 Write Configuration D2h Section 6.4.36 Initiate A2h Section 6.4.24 Set EAS D3h Section 6.4.37 Inventory read A3h Section 6.4.25 Reset EAS D4h Section 6.4.38 Fast inventory read A4h Section 6.4.27 Lock EAS - - 6.4.3 General Command Rules In case of a valid command, the following paragraphs will describe the expected behavior for each command. But in case of an invalid command, in a general manner, the ST25TV02K/512 will behave as follows: 1. If flag usage is incorrect, the error code 03h will be issued only if the right UID is used in the command, otherwise no response will be issued. 2. The error code 02h will be issued if the custom command is used with the manufacturer code different from the ST one 6.4.4 Inventory Upon receiving the Inventory request, the ST25TV02K/512 run the anticollision sequence. The Inventory_flag is set to 1. The meaning of flags 5 to 8 is shown in . The request parameters: • Request flags • AFI if the AFI flag is set • Mask length • Mask value if mask length is different from 0 The ST25TV02K/512 do not generate any answer in case of error. ST25TV02K ST25TV512 RF commands DS12074 - Rev 11 page 33/90 |