Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25TV02K Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce ST25TV02K
Description  NFC Type 5 / RFID tag IC with up to 2-Kbit EEPROM, product identification and protection
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TV02K Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button ST25TV02K Datasheet HTML 75Page - STMicroelectronics ST25TV02K Datasheet HTML 76Page - STMicroelectronics ST25TV02K Datasheet HTML 77Page - STMicroelectronics ST25TV02K Datasheet HTML 78Page - STMicroelectronics ST25TV02K Datasheet HTML 79Page - STMicroelectronics ST25TV02K Datasheet HTML 80Page - STMicroelectronics ST25TV02K Datasheet HTML 81Page - STMicroelectronics ST25TV02K Datasheet HTML 82Page - STMicroelectronics ST25TV02K Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
A.4
EOF when using one subcarrier
A.4.1
High data rate
For the Fast commands, the EOF comprises a logic 0 that includes four pulses at 423.75 kHz and an
unmodulated time of 9.44 µs, followed by 12 pulses at 423.75 kHz (fC / 32) and an unmodulated time of 37.76 µs,
as shown in Figure 38.
Figure 38. End of frame, high data rate, one subcarrier, fast commands
56.64 µs
18.88 µs
A.4.2
Low data rate
For the fast commands, the EOF comprises a logic 0 that includes 16 pulses at 423.75 kHz and an unmodulated
time of 37.76 µs, followed by 48 pulses at 423.75 kHz (fC / 32) and an unmodulated time of 113.28 µs, as shown
in Figure 39.
Figure 39. End of frame, low data rate, one subcarrier, fast commands
226.56 µs
75.52 µs
Note:
For SOF and EOF in fast commands, bit coding using two subcarriers is not supported.
ST25TV02K ST25TV512
EOF when using one subcarrier
DS12074 - Rev 11
page 79/90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90