| Moteur de recherche de fiches techniques de composants électroniques |
|
ST25DV64KC Fiches technique(PDF) 193 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64KC Fiches technique(HTML) 193 Page - STMicroelectronics |
|
193 / 203 page ![]() 7.6.37 Fast Read Single Block.................................................. 129 7.6.38 Fast Extended Read Single Block .......................................... 130 7.6.39 Fast Read Multiple Blocks................................................ 132 7.6.40 Fast Extended Read Multiple Block......................................... 133 7.6.41 Fast Write Message .................................................... 134 7.6.42 Fast Read Message Length .............................................. 136 7.6.43 Fast Read Dynamic Configuration.......................................... 137 7.6.44 Fast Write Dynamic Configuration.......................................... 138 8 Unique identifier (UID) .......................................................... 140 9 Device parameters.............................................................. 141 9.1 Maximum rating..............................................................141 9.2 I2C DC and AC parameters ....................................................142 9.3 GPO characteristics ..........................................................149 9.4 RF electrical parameters ......................................................150 9.5 Thermal characteristics .......................................................151 10 Package information............................................................ 152 10.1 SO8N package information ....................................................152 10.2 TSSOP8 package information ..................................................154 10.3 UFDFN8 package information ..................................................156 10.4 WLCSP10 package information ................................................158 10.5 UFDFPN12 package information ...............................................160 11 Ordering information ........................................................... 161 Appendix A Bit representation and coding for fast commands ...................... 162 A.1 Bit coding using one subcarrier .................................................162 A.1.1 High data rate ......................................................... 162 A.1.2 Low data rate ......................................................... 162 A.2 ST25DVxxKC to VCD frames ..................................................163 A.3 SOF when using one subcarrier ................................................163 A.3.1 High data rate ......................................................... 163 A.3.2 Low data rate ......................................................... 163 A.4 EOF when using one subcarrier ................................................164 ST25DV04KC ST25DV16KC ST25DV64KC Contents DS13519 - Rev 3 page 193/203 |