Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV64KC Fiches technique(PDF) 189 Page - STMicroelectronics

No de pièce ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Fiches technique(HTML) 189 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 185Page - STMicroelectronics ST25DV64KC Datasheet HTML 186Page - STMicroelectronics ST25DV64KC Datasheet HTML 187Page - STMicroelectronics ST25DV64KC Datasheet HTML 188Page - STMicroelectronics ST25DV64KC Datasheet HTML 189Page - STMicroelectronics ST25DV64KC Datasheet HTML 190Page - STMicroelectronics ST25DV64KC Datasheet HTML 191Page - STMicroelectronics ST25DV64KC Datasheet HTML 192Page - STMicroelectronics ST25DV64KC Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 203 page
background image
Contents
1
Description ........................................................................3
1.1
ST25DVxxKC block diagram ..................................................... 3
1.2
ST25DVxxKC packaging ........................................................ 4
2
Signal descriptions ................................................................7
2.1
Serial link (SCL, SDA) .......................................................... 7
2.1.1
Serial clock (SCL) ........................................................ 7
2.1.2
Serial data (SDA) ........................................................ 7
2.2
Power control (VCC, LPD, VSS) ................................................... 7
2.2.1
Supply voltage (VCC) ..................................................... 7
2.2.2
Low power down (LPD).................................................... 7
2.2.3
Ground (VSS) ........................................................... 7
2.3
RF link (AC0 AC1).............................................................. 8
2.3.1
Antenna coil (AC0, AC1) ................................................... 8
2.4
Process control (VDCG, GPO) ................................................... 8
2.4.1
Driver supply voltage (VDCG)................................................ 8
2.4.2
General purpose output (GPO) .............................................. 8
2.5
Energy harvesting analog output (V_EH)........................................... 8
3
Power management................................................................9
3.1
Wired interface ................................................................ 9
3.2
Contactless interface .......................................................... 10
4
Memory management .............................................................11
4.1
Memory organization overview .................................................. 11
4.2
User memory ................................................................. 12
4.2.1
User memory areas...................................................... 14
4.3
System configuration area ...................................................... 18
4.4
Dynamic configuration ......................................................... 20
4.5
Fast transfer mode mailbox ..................................................... 21
5
ST25DVxxKC specific features ....................................................22
5.1
Fast transfer mode (FTM) ...................................................... 23
5.1.1
Fast transfer mode registers ............................................... 23
ST25DV04KC ST25DV16KC ST25DV64KC
Contents
DS13519 - Rev 3
page 189/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More