Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV64KC Fiches technique(PDF) 60 Page - STMicroelectronics

No de pièce ST25DV64KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64KC Fiches technique(HTML) 60 Page - STMicroelectronics

Back Button ST25DV64KC Datasheet HTML 56Page - STMicroelectronics ST25DV64KC Datasheet HTML 57Page - STMicroelectronics ST25DV64KC Datasheet HTML 58Page - STMicroelectronics ST25DV64KC Datasheet HTML 59Page - STMicroelectronics ST25DV64KC Datasheet HTML 60Page - STMicroelectronics ST25DV64KC Datasheet HTML 61Page - STMicroelectronics ST25DV64KC Datasheet HTML 62Page - STMicroelectronics ST25DV64KC Datasheet HTML 63Page - STMicroelectronics ST25DV64KC Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 203 page
background image
Figure 28. RF security sessions management
RF field OFF
RF field ON
ST25DV out
of RF field
All RF
security
sessions
closed
RF security
session x
opened
(y closed)
Any other
command
Present
RF_PWD_x OK
RF security
session y
opened
(x closed)
Present
RF_PWD_y OK
Present
RF_PWD_x OK
Present any RF
password not OK(1)
Any other
command
Any other
command
1. Presenting a password with an invalid password number doesn't close the session.
The dedicated password commands in I2C mode are:
•
I2C Write Password command: see Section 6.6.2 I2C write password command description.
•
I2C Present Password command: see Section 6.6.1 I2C present password command description.
I2C host possible actions for security sessions are:
•
Open I 2 C security session: I2C Present Password command with valid I2C password.
•
Write I 2 C password: I2C Present Password command with valid I2C password. Then I2C Write Password
command with new I2C password.
•
Close I 2 C security session: I2C Present Password command with wrong I2C password. Or remove tag
VCC power supply (POR).
•
Check if I 2 C security session is open: I2C host can read the current status (open or closed) of I2C
security session by reading the I2C_SSO_Dyn register.
There is no interaction between I2C and RF security sessions. Both are independent and can run in parallel.
ST25DV04KC ST25DV16KC ST25DV64KC
Data protection
DS13519 - Rev 3
page 60/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More