Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC58EE80E7 Fiches technique(PDF) 99 Page - STMicroelectronics

No de pièce SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Fiches technique(HTML) 99 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 95Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 96Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 97Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 98Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 99Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 100Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 101Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 102Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 154 page
background image
DS11646 Rev 4
99/154
SPC58EEx, SPC58NEx
Electrical characteristics
128
Figure 25. External interrupt timing
Figure 26. External interrupt timing
3.18.2
DSPI timing with CMOS and LVDS pads
Note:
DSPI in TSB mode with LVDS pads can be used to implement Micro Second Channel bus
protocol.
DSPI channel frequency support is shown in Table 54.
Timing specifications are shown in the tables below.
IRQ
1
2
3
D_CLKOUT
IRQ
4
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More