Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC58EE80E7 Fiches technique(PDF) 80 Page - STMicroelectronics

No de pièce SPC58EE80E7
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80E7 Fiches technique(HTML) 80 Page - STMicroelectronics

Back Button SPC58EE80E7 Datasheet HTML 76Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 77Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 78Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 79Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 80Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 81Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 82Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 83Page - STMicroelectronics SPC58EE80E7 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
80/154
DS11646 Rev 4
Figure 16. Standby regulator with external ballast mode
Table 39. External components integration
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
Common Components
CE
SR D
Internal voltage regulator stability
external capacitance.(2) (3)
—2
× 2.2
—
µF
RE
SR D
Stability capacitor equivalent
serial resistance
Total resistance including
board track
——
50
m
Ω
CLVn
SR D
Internal voltage regulator
decoupling external
capacitance(2) (4) (5)
Each VDD_LV/VSS pair
—
47
—
nF
RLVn
SR D
Stability capacitor equivalent
serial resistance
——
—
50
m
Ω
CBV
SR D Bulk capacitance for HV supply(2)
on one VDD_HV_IO_MAIN/
VSS pair
—4.7
—
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More