Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB1602 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button STUSB1602_V01 Datasheet HTML 26Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 27Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 28Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 29Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 30Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 31Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 32Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 33Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
Table 21. QFN24 EP 4x4 mm mechanical data
Ref.
Dimensions (mm)
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
0.031
0.035
0.039
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.18
0.25
0.30
0.007
0.010
0.012
D
3.95
4.00
4.05
0.156
0.157
0.159
D2
2.55
2.70
2.80
0.100
0.106
0.110
E
3.95
4.00
4.05
0.156
0.157
0.159
E2
2.55
2.70
2.80
0.100
0.106
0.110
e
0.45
0.50
0.55
0.018
0.020
0.022
K
0.15
0.006
L
0.30
0.40
0.50
0.012
0.016
0.020
Figure 10. QFN24 EP 4x4 mm recommended footprint
STUSB1602
QFN24 EP 4x4 mm package information
DS11254 - Rev 5
page 30/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39