Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STUSB1602 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce STUSB1602
Description  USB Type-C™ controller with TX/RX line driver and BMC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1602 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button STUSB1602_V01 Datasheet HTML 13Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 14Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 15Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 16Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 17Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 18Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 19Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 20Page - STMicroelectronics STUSB1602_V01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
4
Managing USB PD transactions
Due to specific HW/SW partitioning, the STUSB1602 requires a specific alignment between the lower protocol
stack (managed by the STUSB1602) and the higher protocol stack (managed by the external MCU). Therefore,
dedicated read and write I²C accesses are needed to perform the following actions:
•
Acknowledge a HW reset request
•
Request a HW reset
•
Perform a VCONN SWAP
•
Perform a data role SWAP
•
Acknowledge a power role SWAP request
•
Request a power role SWAP
STUSB1602
Managing USB PD transactions
DS11254 - Rev 5
page 17/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39