| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F051X4 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051X4 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 122 page ![]() DocID022265 Rev 7 41/122 STM32F051x4 STM32F051x6 STM32F051x8 Memory mapping 41 APB 0x4000 7C00 - 0x4000 7FFF 1 KB Reserved 0x4000 7800 - 0x4000 7BFF 1 KB CEC 0x4000 7400 - 0x4000 77FF 1 KB DAC 0x4000 7000 - 0x4000 73FF 1 KB PWR 0x4000 5C00 - 0x4000 6FFF 5 KB Reserved 0x4000 5800 - 0x4000 5BFF 1 KB I2C2 0x4000 5400 - 0x4000 57FF 1 KB I2C1 0x4000 4800 - 0x4000 53FF 3 KB Reserved 0x4000 4400 - 0x4000 47FF 1 KB USART2 0x4000 3C00 - 0x4000 43FF 2 KB Reserved 0x4000 3800 - 0x4000 3BFF 1 KB SPI2 0x4000 3400 - 0x4000 37FF 1 KB Reserved 0x4000 3000 - 0x4000 33FF 1 KB IWDG 0x4000 2C00 - 0x4000 2FFF 1 KB WWDG 0x4000 2800 - 0x4000 2BFF 1 KB RTC 0x4000 2400 - 0x4000 27FF 1 KB Reserved 0x4000 2000 - 0x4000 23FF 1 KB TIM14 0x4000 1400 - 0x4000 1FFF 3 KB Reserved 0x4000 1000 - 0x4000 13FF 1 KB TIM6 0x4000 0800 - 0x4000 0FFF 2 KB Reserved 0x4000 0400 - 0x4000 07FF 1 KB TIM3 0x4000 0000 - 0x4000 03FF 1 KB TIM2 Table 16. STM32F051xx peripheral register boundary addresses (continued) Bus Boundary address Size Peripheral |