| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F051X4 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F051X4 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 122 page ![]() DocID022265 Rev 7 35/122 STM32F051x4 STM32F051x6 STM32F051x8 Pinouts and pin descriptions 36 45 B8 33 A1 22 22 PA12 I/O FT - USART1_RTS, TIM1_ETR, COMP2_OUT, TSC_G4_IO4, EVENTOUT - 46 A8 34 B1 23 23 PA13 (SWDIO) I/O FT (6) IR_OUT, SWDIO - 47 D6 35 - - - PF6 I/O FT - I2C2_SCL - 48 E6 36 - - - PF7 I/O FT - I2C2_SDA - 49 A7 37 B2 24 24 PA14 (SWCLK) I/O FT (6) USART2_TX, SWCLK - 50 A6 38 A2 25 25 PA15 I/O FT - SPI1_NSS, I2S1_WS, USART2_RX, TIM2_CH1_ETR, EVENTOUT - 51 B7 --- - PC10 I/O FT - - 52 B6 --- - PC11 I/O FT - - 53 C5 - - - - PC12 I/O FT - - 54 B5 - - - - PD2 I/O FT - TIM3_ETR - 55 A5 39 B3 26 26 PB3 I/O FT - SPI1_SCK, I2S1_CK, TIM2_CH2, TSC_G5_IO1, EVENTOUT - 56 A4 40 A3 27 27 PB4 I/O FT - SPI1_MISO, I2S1_MCK, TIM3_CH1, TSC_G5_IO2, EVENTOUT - 57 C4 41 E6 28 28 PB5 I/O FT - SPI1_MOSI, I2S1_SD, I2C1_SMBA, TIM16_BKIN, TIM3_CH2 - Table 13. Pin definitions (continued) Pin number Pin name (function upon reset) Pin functions Alternate functions Additional functions |