Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6364W Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce L6364W
Description  Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6364W Fiches technique(HTML) 3 Page - STMicroelectronics

  L6364W Datasheet HTML 1Page - STMicroelectronics L6364W Datasheet HTML 2Page - STMicroelectronics L6364W Datasheet HTML 3Page - STMicroelectronics L6364W Datasheet HTML 4Page - STMicroelectronics L6364W Datasheet HTML 5Page - STMicroelectronics L6364W Datasheet HTML 6Page - STMicroelectronics L6364W Datasheet HTML 7Page - STMicroelectronics L6364W Datasheet HTML 8Page - STMicroelectronics L6364W Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
1
Solution overview
This reference design targets IO-Link based applications, that is, smart industrial sensors that feature easy
configuration, remote monitoring, reduced wiring, advanced diagnostics, and easy device replacement.
The main board (STEVAL-IOD004V1) has been designed with few ICs. Taking this into consideration, smart-
sensing applications can benefit from the L6364W dual-channel transceiver. For example, the ISM330DHCX
inertial module can monitor a robotic arm (for vibration and compensation) while the IIS2MDC can detect the
magnetic field, providing a warning along the supplementary channel.
Figure 1. STEVAL-IOD004V1 functional block diagram
STEVAL-IOD04KT1
Solution overview
DB4571 - Rev 2
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10