| Moteur de recherche de fiches techniques de composants électroniques |
|
L6364W Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6364W Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() The tiny dimensions of the main board have been achieved thanks to the small sizes of the CSP package options of L6364W and STM32G071EB. Connect the main board to an IO-Link master via the adapter and the M8 connector included in the kit for normal operation. Connect the same board to the STLINK- V3MINI through the flat cable only if you want to program the STM32G071EB with a new firmware. STEVAL-IOD04KT1 DB4571 - Rev 2 page 2/10 |