Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L072XB Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce STM32L072XB
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072XB Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button STM32L072XB Datasheet HTML 42Page - STMicroelectronics STM32L072XB Datasheet HTML 43Page - STMicroelectronics STM32L072XB Datasheet HTML 44Page - STMicroelectronics STM32L072XB Datasheet HTML 45Page - STMicroelectronics STM32L072XB Datasheet HTML 46Page - STMicroelectronics STM32L072XB Datasheet HTML 47Page - STMicroelectronics STM32L072XB Datasheet HTML 48Page - STMicroelectronics STM32L072XB Datasheet HTML 49Page - STMicroelectronics STM32L072XB Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 160 page
background image
Pin descriptions
STM32L072xx
46/160
DS10689 Rev 5
9
9
13 13 17 G3 G7 26
L3
PA3
I/O FT
-
TIM21_CH2,
TIM2_CH4,
TSC_G1_IO4,
USART2_RX,
LPUART1_RX
COMP2_INP,
ADC_IN3
-
-
-
-
18 C2
-
27
D3
VSS
S
-
-
-
-
-
-
-
-
19 D2
-
28
H3
VDD
S
-
-
-
-
10 10 14 14 20 H3 F5 29
M3
PA4
I/O TC (2)
SPI1_NSS,
TSC_G2_IO1,
USART2_CK,
TIM22_ETR
COMP1_INM,
COMP2_INM,
ADC_IN4,
DAC_OUT1
11 11 15 15 21 F4 G6 30
K4
PA5
I/O TC
-
SPI1_SCK,
TIM2_ETR,
TSC_G2_IO2,
TIM2_CH1
COMP1_INM,
COMP2_INM,
ADC_IN5,
DAC_OUT2
12 12 16 16 22 G4 G5 31
L4
PA6
I/O FT
-
SPI1_MISO,
TIM3_CH1,
TSC_G2_IO3,
LPUART1_CTS,
TIM22_CH1,
EVENTOUT,
COMP1_OUT
ADC_IN6
13 13 17 17 23 H4 F4 32
M4
PA7
I/O FT
-
SPI1_MOSI,
TIM3_CH2,
TSC_G2_IO4,
TIM22_CH2,
EVENTOUT,
COMP2_OUT
ADC_IN7
--
-
-
24 H5
-
33
K5
PC4
I/O FT
-
EVENTOUT,
LPUART1_TX
ADC_IN14
--
-
-
25 H6
-
34
L5
PC5
I/O FT
-
LPUART1_RX,
TSC_G3_IO1
ADC_IN15
14 14 18 18 26 F5 G4 35
M5
PB0
I/O FT
-
EVENTOUT,
TIM3_CH3,
TSC_G3_IO2
ADC_IN8,
VREF_OUT
Table 16. STM32L072xxx pin definition (continued)
Pin number
Pin name
(function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More